Part Number Hot Search : 
TH165 550EX1 367124 3TRG1 CD2101 P89LPC 18XXX 1N4758
Product Description
Full Text Search
 

To Download BAT54AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Switching Diode BAT54T;BAT54AT BAT54CT;BAT54ST
SOT-523
+0.1 1.6-0.1 +0.1 1.0-0.1 +0.05 0.2-0.05
Diodes
Unit: mm
+0.01 0.1-0.01
Ultra-small surface mount package Low forward voltage drop Fast switching PN junction guard ring for transient and ESD protection Available in lead free version
2
1
+0.15 1.6-0.15
0.55
Features
+0.25 0.3-0.05
0.5
+0.1 -0.1
0.35
3
1. Base
+0.05 0.75-0.05 +0.1 0.8-0.1
2. Emitter 3. Collecter
A b s o lu te M a x im u m R a tin g s T a = 2 5
P a ra m e te r N o n -R e p e titive P e a k re ve rs e vo lta g e D C B lo c k in g V o lta g e A ve ra g e R e c tifie d O u tp u t C u rre n t P o w e r D is s ip a tio n J u n c tio n T e m p e ra tu re S to ra g e T e m p e ra tu re ra n g e S ym b o l V RM VR Io Pd TJ T STG 200 150 150 -6 5 to + 1 5 0 mA mW L im its 30 U n it V
Electrical Characteristics Ta = 25
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR) IR Conditions IR = 100 VR =25V IF = 0.1 mA IF = 1 mA Forward voltage VF IF = 10 mA IF = 30 mA IF = 100 mA Total capacitance Reverse recovery time CT trr VR = 1V,f=1MHz IF = 10mA, IR = 10mA 1mA,RL=100 A Min 30 2 240 320 400 500 1000 10 5 pF ns mV Max Unit V A
Marking
Type Marking BAT54T L1 BAT54AT L2 BAT54CT L3 BAT54ST L4
+0.05 0.8-0.05
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BAT54AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X